Part Number Hot Search : 
TIP125 DE1E3KX STK400 SZ3C180 861ZIC GC11822R OMR184NH MPQ6502
Product Description
Full Text Search
 

To Download ST9294 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ST9294
FUNCTIONAL DESCRIPTION
24K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND CLOSED-CAPTION DATA SLICER
Register oriented 8/16 bit CORE with RUN, WFI and HALT modes Minimum instruction cycle time: 500ns (12MHz internal) 12 to 32K bytes of ROM, 384/640 bytes of RAM, 224 general purpose registers available as RAM, accumulators or index registers (Register File) 42-lead Shrink DIP package or 56-lead Shrink DIP package Interrupt handler and Serial Peripheral Interface as standard features 31 (42 pin package) / 42 (56 pin package) fully programmable I/O pins 34 character x15 rows software programmable On Screen Display module with colour, italic, underline, flash, transparent and fringe attribute options Digital Data Slicer extracting closed caption data from video 8 8-bit PWM D/A outputs with repetition frequency 2 to 32kHz and 12V Open Drain Capability 16 bit Timer with 8 bit Prescaler, able to be used as a Watchdog Timer 16-bit programmable Slice Timer with 8-bit prescaler 3 channel Analog to Digital Converter, with integral sample and hold, fast 5.75s conversion time, 6-bit guaranteed resolution Rich Instruction Set and 14 Addressing modes Division-by-Zero trap generation Versatile Development tools, including assembler, linker, C-compiler, archiver, graphic oriented debugger and hardware emulators Real Time Operating System Windowed EPROM parts available for prototyping and pre-production development phases
PSDIP42
PSDIP56
(Ordering Information at the end of the Datasheet)
May 1993
This is Preliminary Data from SGS-THOMSON. Details are subject to change without notice.
1/6
ST9294
Figure 1a. 42 Pin Shrink DIP Pinout
Figure 1b. 56 Pin Shrink DIP Pinout
ST9294J Pin Description
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 Pin name P2.0/INT7 RESET P0.7 P0.6 P0.5 P0.4 P0.3 P0.2 P0.1 P0.0 CCVideo P3.6 P3.5 P3.4 P3.3/B P3.2/G P3.1/R P3.0/FB P5.1/SDIO P5.0/SCK/INT2 VDD Pin 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 Pin name P2.1/INT5/AIN1 P2.2/INT0/AIN2 P2.3/INT6/SDO P2.4/NMI P2.5/AIN3 OSCIN OSCOUT P4.7/PWM7/ EXTRG (AD) P4.6/PWM6 P4.5/PWM5 P4.4/PWM4 P4.3/PWM3 P4.2/PWM2 P4.1/PWM1 P4.0/PWM0 VSYNC HSYNC AVDD PLLR PLLF VSS
ST9294N Pin Description
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Pin name P2.1/INT5/AIN1 P2.0/INT7 RESET P0.7 P0.6 P0.5 NC P0.4 P0.3 P0.2 P0.1 P0.0 NC VDD CCVideo P3.7 P3.6 P3.5 P3.4 P3.3/B P3.2/G P3.1/R P3.0/FB P5.3 P5.2 P5.1/SDIO P5.0/SCK/INT2 VDD Pin 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 Pin name P2.2/INT0/AIN2 P2.3/INT6/SDO P2.4/NMI P2.5/AIN3 P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 OSCIN OSCOUT P4.7/PWM7/ EXTRG (AD) P4.6/PWM6 P4.5/PWM5 P4.4/PWM4 P4.3/PWM3 P4.2/PWM2 P4.1/PWM1 P4.0/PWM0 VSYNC HSYNC AVDD PLLR PLLF VSS
2/6
(R)
ST9294
1.1 GENERAL DESCRIPTION The ST9294 is a ROM member of the ST9 family of microcontrollers, completely developed and produced by SGS-THOMSON Microelectronics using a proprietary n-well HCMOS process. The ROM parts are fully compatible with their EPROM versions, which may be used for the prototyping and pre-production phases of development. The nucleus of the ST9294 is the advanced Core which includes the Central Processing Unit (CPU), the Register File, a 16-bit Timer/Watchdog with 8bit Prescaler, a Serial Peripheral Interface supporting S-bus, I2C-bus and IM-bus Interface, plus two 8-bit I/O ports. The Core has independent memory and register buses allowing a high degree of pipelining to add to the efficiency of the code execution speed of the extensive instruction set. The powerful I/O capabilities demanded by microcontroller applications are fulfilled by the ST9294 with up to 31/42 I/O lines dedicated to digital Input/Output. These lines are grouped into up to six I/O Ports and can be configured on a bit basis under software control to provide timing, status signals, timer inputs and outputs, analog inputs, external interrupts and serial or parallel I/O. Three basic memory spaces are available to support this wide range of configurations: Program Memory, Data Memory and the Register File, which includes the control and status registers of the on-chip peripherals. The 16-bit Slice Timer with an 8-bit Prescaler. The human interface is provided by the On Screen Display module, this can produce up to 15 lines of up to 34 characters from a ROM defined 128 character set. The 9x13 character can be modified by 4 different pixel sizes, with character rounding, and formed into words with colour and format attributes. Closed Caption control for the display of information transmitted through the video input is facilitated with the Data Slicer. This module has manual and automatic Slicing levels for both Sync and Data and allows the user to select the video line containing the data relative to the Vertical synchronisation pulse.
Figure 1-2. ST9294 Block Diagram
12k / 24k Bytes ROM
384 / 640 Bytes RAM
256 Bytes REGISTER FILE
16-Bit TIMER / WATCHDOG + SPI
CPU
SLICE TIMER
DATA SLICER
CC Video MEMORY BUS ( Address & Data ) REGISTER BUS ( Address & Data )
I/O PORT 0
I/O PORT 2 ( Analog Inputs )
A/D CONVERTER
I/O PORT 3
ON SCREEN DISP LAY
I/O PORT 4 P.W.M. Outputs
P.W.M. D/A CONVERTER
I/O PORT 5 ( SPI )
8
6
7
PLL AVD D
8
2
VSYNC HSYNC Note : 42 SDIP shown PLLR PLLF
VR0A1749
3/6
(R)
ST9294
GENERAL DESCRIPTION (Continued) Control of TV settings is able to be made with up to eight 8-bit PWM outputs, with a frequency maximum of 23,437Hz at 8-bit resolution (INTCLK = 12MHz). Low resolutions with higher frequency operation can be programmed. In addition there is a 3 channel Analog to Digital Converter with integral sample and hold, fast 5.75s conversion time and 6-bit guaranteed resolution. 1.2 PIN DESCRIPTION VSYNC. Vertical Synch. Vertical video synchronisation input to OSD. Positive or negative polarity. HSYNC. Horizontal Synch. Horizontal video synchronisation input to OSD. Positive or negative polarity. CCVideo. Composite Video Input. Input to Data Slicer for Closed Caption extraction, 1V 6dB or 2V 3dB. PLLF. PLL Filter input. Filter input for the OSD for PLL feed-back. PLLR. PLL Resistor connection pin. For resistor connection to select the PLL gain adjust. RESET. Reset (input, active low). The ST9 is initialised by the Reset signal. With the deactivation of RESET, program execution begins from the Program memory location pointed to by the vector contained in program memory locations 00h and 01h. OSCIN, OSCOUT. Oscillator (input and output). These pins connect a parallel-resonant crystal (24MHz maximum), or an external source to the on-chip clock oscillator and buffer. OSCIN is the input of the oscillator inverter and internal clock generator; OSCOUT is the output of the oscillator inverter. AVDD. Analog VDD of PLL. This pin must be tied to VDD externally to the ST9294. VDD. Main Power Supply Voltage (5V10%) VSS. Digital Circuit Ground. P0.0-P0.7, P2.0-P2.5, P3.0-P3.6, P4.0-P4.7, P5.0-P5.1 (J suffix) P0.0-P0.7, P1.0-P1.7, P2.0-P2.5, P3.0-P3.7, P4.0-P4.7, P5.0-P5.3 (N suffix) I/O Port Lines (Input/Output, TTL or CMOS compatible). 31/42 lines grouped into I/O ports, bit programmable under program control as general purpose I/O or as Alternate functions (see next section). P4.0 - P4.7 are high voltage (12V) open drain 1.2.1I/O Port Alternate Functions. Each pin of the I/O ports of the ST9294 may assume software programmable Alternative Functions as shown in the Pin Configuration Drawings. Table 1 shows the Functions allocated to each I/O Port pin.
4/6
(R)
ST9294
PIN DESCRIPTION (Continued) Table 1-1. ST9294 I/O Port Alternative Function Summary
I/O PORT Port.bit P0.0 P0.1 P0.2 P0.3 P0.4 P0.5 P0.6 P0.7 P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 P2.0 P2.1 P2.1 P2.2 P2.2 P2.3 P2.3 P2.4 P2.5 P3.0 P3.1 P3.2 P3.3 INT7 INT5 AIN1 INT0 AIN2 INT6 SDO NMI AIN3 FB R G B Name Function I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I I I I I I O I I O O O O External Interrupt 7 with Schmitt Trigger External Interrupt 5 with Schmitt Trigger A/D Analog Input 1 External Interrupt 0 A/D Analog Input 2 External Interrupt 6 MSPI Serial Data Output Non-Maskable Interrupt A/D Analog Input 3 Fast Blanking OSD output Red Video Colour OSD output Green Video Colour OSD output Blue Video Colour OSD output Alternate Function Pin Assignment 9294J 10 9 8 7 6 5 4 3 1 42 42 41 41 40 40 39 38 18 17 16 15 9294N 12 11 10 9 8 6 5 4 52 51 50 49 48 47 46 45 2 1 1 56 56 55 55 54 53 23 22 21 20
5/6
(R)
ST9294
PIN DESCRIPTION (Continued) Table 1-1. ST9294 I/O Port Alternative Function Summary
I/O PORT Port.bit P3.4 P3.5 P3.6 P3.7 P4.0 P4.1 P4.2 P4.3 P4.4 P4.5 P4.6 P4.7 P4.7 P5.0 P5.0 P5.1 P5.2 P5.3
Notes. 1. The alternate functions of SCK/INT2 and SDIO may be swapped by using the SWAP Register Function. 2. Schmitt trigger options are available as a mask option for any input pin.
Name
Function I/O I/O I/O I/O
Alternate Function
Pin Assignment 9294J 14 13 12 9294N 19 18 17 16 35 36 37 38 39 40 41 42 42 27 27 26 25 24
PWM0 PWM1 PWM2 PWM3 PWM4 PWM5 PWM6 PWM7 EXTRG SCK INT2 SDIO
O O O O O O O O I O I O I/O I/O
PWM Output 0 PWM Output 1 PWM Output 2 PWM Output 3 PWM Output 4 PWM Output 5 PWM Output 6 PWM Output 7 A/D External Trigger SPI Serial Clock
(1) (1)
28 29 30 31 32 33 34 35 35 20 20 19 -
External Interrupt 2
SPI Serial Data Input/Output (1)
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without the express written approval of SGS-THOMSON Microelectronics.
(c) 1995 SGS-THOMSON Microelectronics - All rights reserved. Purchase of I C Components by SGS-THOMSON Microelectronics conveys a license under the Philips I C Patent. 2 Rights to use these components in an I C system is granted provided that the system 2 conforms to the I C Standard Specification as defined by Philips. SGS-THOMSON Microelectronics Group of Companies Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
2 2
6/6
(R)


▲Up To Search▲   

 
Price & Availability of ST9294

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X